Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0465001. Datasheet(PDF) 1 Page - Littelfuse

Part # 0465001.
Description  Surface Mount Fuses - Subminiature Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0465001. Datasheet(HTML) 1 Page - Littelfuse

  0465001. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
379
Surface Mount Fuses
www .littelfuse .com
Nominal
Nominal
Catalog
Ampere
Voltage Cold Resistance
Melting I
2t
Number
Rating
Rating
(Ohms)
(A
2 sec)
0465 001.
1.0
250
0.107
2.8
0465 1.25
1.25
250
0.083
5.6
0465 01.6
1.6
250
0.056
9.2
0465 002.
2.0
250
0.039
14.9
0465 02.5
2.5
250
0.026
21.0
0465 3.15
3.15
250
0.021
31.7
0465 004.
4.0
250
0.016
48.4
0465 005.
5.0
250
0.0130
87.0
0465 06.3
6.3
250
0.0088
144.4
*For information and availability of additional ratings please contact Littelfuse
Subminiature Surface Mount
NANO
2® 250V UMF FUSE Time Lag 465 Series
Reference Dimensions:
REFLOW SOLDER
F
2.8
(.11")
12.1
(.475")
4.5
(.177")
6.7
(.264")
6.8
(.264")
WAVE SOLDER
3.5
(.14")
AC250V
T500mAL
6.9
(.27")
5.6
(.22")
5.6
(.22")
4.5
(.177")
Height
END CAP
TOP VIEW
• The Surface Mount Nano2 250V UMF product family complies with IEC
Publication IEC 60127-4-Universal Modular Fuse-Links [UMF]. This
IEC standard has been accepted by UL/CSA making it the first global
fuse standard.
• The Nano2 250V UMF fuse family is based on the proven NANO2 Fuse
product technology.
• Product is RoHS Compliant and compatible with lead-free solders and
higher temperature profiles.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
125%
1 hour, Minimum
200%
2 minutes, Maximum
1000%
0.01 sec, Min; 0.1 sec Max
AGENCY APPROVALS: Listed to IEC 60127-4, Universal Modular Fuse-
Links (UMF), 250V. UL Listed. Approved by METI and CCC. K and VDE .
AGENCY FILE NUMBERS: UL E184655. METI NBK30502-E184655a,b.
INTERRUPTING RATINGS: 100 amperes at 250VAC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition A.
Vibration: MIL-STD-202, Method 201 (10–55 Hz).
Insulation Resistance (After Opening): IEC60127-4 (0.1MΩ min
@ 500VDC).
Resistance to Soldering Heat: IEC60127-4.
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C, 5 cycles).
Moisture Resistance: MIL-STD-202, Method 106
PHYSICAL SPECIFICATIONS:
Materials: Body: High Performance Ceramic
Terminations: Silver plated brass.
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum
Reflow Solder — 260°C, 30 seconds maximum
Solderability: IEC60127-4.
PACKAGING SPECIFICATIONS: 24mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 1,500 per reel, add packaging suffix, DR.
PATENTED
ORDERING INFORMATION:
100
100
10
1
0.1
0.01
0.001
1
10
1000
0.1
CURRENT IN AMPERES
Average Time Current Curves
RoHS
10


Similar Part No. - 0465001.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0465001.DR LITTELFUSE-0465001.DR Datasheet
188Kb / 4P
Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
More results

Similar Description - 0465001.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
203 LITTELFUSE-203 Datasheet
41Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount & Dip Types
455 LITTELFUSE-455 Datasheet
61Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
464 LITTELFUSE-464 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
202062 LITTELFUSE-202062 Datasheet
46Kb / 1P
Surface Mount Fuses Subminiature Surface Mount & Dip Types
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0455001.MR LITTELFUSE-0455001.MR Datasheet
79Kb / 1P
Subminiature Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com