Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM4884A Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM4884A
Description  N-Channel E nhancement Mode F ield E ffect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4884A Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM4884A Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4884A Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4884A Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4884A Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4884A Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4884A Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4884A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
30
N-Channel E nhancement Mode Field E ffect Transistor
S urface Mount Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
-Pulsed
ID
12
44
1.7
2.5
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
50
/W
C
a
a
a
a
b
S amHop Microelectronics C orp.
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) typ
30V
12A
6 @ V GS = 10V
8.5 @ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S O-8
1
S T M4884A
Dec 28 2004 ver1.1
Drain Current-Continuous @ TJ=25 C


Similar Part No. - STM4884A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
STM4884A WEITRON-STM4884A Datasheet
260Kb / 6P
Surface Mount N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STM4884A DOINGTER-STM4884A Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STM4884A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
N-Channel E nhancement Mode F ield E ffect Transistor
SDM4884 SAMHOP-SDM4884 Datasheet
690Kb / 7P
N-Channel E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
N-Channel E nhancement Mode F ield E ffect Transistor
STM7822 SAMHOP-STM7822 Datasheet
680Kb / 7P
N-Channel E nhancement Mode F ield E ffect Transistor
SDM40N02 SAMHOP-SDM40N02 Datasheet
664Kb / 7P
N-Channel E nhancement Mode F ield E ffect Transistor
STU4525NL SAMHOP-STU4525NL Datasheet
889Kb / 8P
N-Channel E nhancement Mode F ield E ffect Transistor
STU9410 SAMHOP-STU9410 Datasheet
817Kb / 8P
N-Channel E nhancement Mode F ield E ffect Transistor
STU600S SAMHOP-STU600S Datasheet
856Kb / 8P
N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410_09 Datasheet
131Kb / 7P
N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com