Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBM1102M Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBM1102M
Description  N-Channel 100-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBM1102M Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBM1102M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 175 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
101
100
10-1
100
101
91018_01
VDS, Drain-to-Source Voltage (V)
4.5 V
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 175 °C
101
100
10-1
100
101
91018_02
20 µs Pulse Width
V
DS = 50 V
VGS, Gate-to-Source Voltage (V)
56
789
10
4
25
°C
175
°C
101
100
91018_03
I
D = 9.2 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
180
91018_04
www.VBsemi.com
VBM1102M
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com