Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521 Datasheet(PDF) 1 Page - Littelfuse

Part # 521
Description  MINIATURE FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

521 Datasheet(HTML) 1 Page - Littelfuse

  521 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050809
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
5,2
4
4,6
5,6
0,4
5,2
3,6
5
4,2
1,2
5
5
11
1,3 +0,1
1,3 +0,1
5
3,5
2,2
2,8
4,6
0,4
30
4
0,5
1,2
17
5
2,6
R2,5
3
5,2
0,3
4,5
1
0,6
5
0,6
1 0,1
5
5
10,6
1 +0,1
1 +0,1
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5mm pin spacing
Solder pins 0.3 x 0.5mm
Materials
Materials
Materials
Materials
Materials
Clip:
Copper alloy
Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Max. Current/Power: 2.5A/1W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Solderability
Solderability
Solderability
Solderability
Solderability
235°C, 2 sec. (IEC 60068-2-20)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-20)
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.5g
Packaging
Packaging
Packaging
Packaging
Packaging
Tape/Reel (1000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Clip
No. 519 0000 100
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Clip / No. 520
520
520
520
520
lead free
lead free
lead free
lead free
lead free
Specifications
Specifications
Specifications
Specifications
Specifications
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5mm pin spacing
Solder pins 0.4 x 1.2mm
Materials
Materials
Materials
Materials
Materials
Clip:
Copper alloy
Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Max. Current/Power: 6.3A/2.5W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Solderability
Solderability
Solderability
Solderability
Solderability
235°C, 2 sec. (IEC 60068-2-20)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-20)
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.4g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (5000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Clip
No. 520 0000 100
Clip / No. 521
521
521
521
521
lead free
lead free
lead free
lead free
lead free
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Clip / No. 519
519
519
519
519
lead free
lead free
lead free
lead free
lead free
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
90
90
90
90
90ººººº Pin Shift
Pin Shift
Pin Shift
Pin Shift
Pin Shift
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
TTTTTaped
aped
aped
aped
aped
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5mm pin spacing
Solder pins 0.4 x 1.2mm
Materials
Materials
Materials
Materials
Materials
Clip:
Copper alloy
Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Max. Current/Power: 6.3A/2.5W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Solderability
Solderability
Solderability
Solderability
Solderability
235°C, 2 sec. (IEC 60068-2-20)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-20)
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.4g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (5000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Clip
No. 521 0000 100


Similar Part No. - 521

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
521 INTEL-521 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
List of Unclassifed Man...
521 ETC2-521 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 521

ManufacturerPart #DatasheetDescription
logo
Littelfuse
268 LITTELFUSE-268 Datasheet
109Kb / 1P
MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
598 LITTELFUSE-598 Datasheet
331Kb / 1P
MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com