Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBQF1303 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBQF1303
Description  N-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBQF1303 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBQF1303 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBQF1303 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
30
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 5.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.5
1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS 4.5 V, ID = 10 A
0.0040
VGS 2.5 V, ID = 7 A
0.0050
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
65
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
3065
pF
Output Capacitance
Coss
406
Reverse Transfer Capacitance
Crss
360
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
68
102
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
33.5
51
Gate-Source Charge
Qgs
7.7
Gate-Drain Charge
Qgd
13.8
Gate Resistance
Rg
f = 1 MHz
0.3
0.7
1.4
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
24
45
ns
Rise Time
tr
24
45
Turn-Off Delay Time
td(off)
32
60
Fall Time
tf
12
24
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
14
28
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
33
60
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
35
A
Pulse Diode Forward Current
ISM
70
Body Diode Voltage
VSD
IS = 3 A, VGS 0 V
0.7
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
21
40
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
12
www.VBsemi.com
VBQF1303
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com