Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 2 Page - STMicroelectronics

  M41T62_V01 Datasheet HTML 1Page - STMicroelectronics M41T62_V01 Datasheet HTML 2Page - STMicroelectronics M41T62_V01 Datasheet HTML 3Page - STMicroelectronics M41T62_V01 Datasheet HTML 4Page - STMicroelectronics M41T62_V01 Datasheet HTML 5Page - STMicroelectronics M41T62_V01 Datasheet HTML 6Page - STMicroelectronics M41T62_V01 Datasheet HTML 7Page - STMicroelectronics M41T62_V01 Datasheet HTML 8Page - STMicroelectronics M41T62_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
1
Description
The M41T6x is a low-power serial real-time clock (RTC) with a built-in 32.768 kHz oscillator. Eight registers are
used for the clock/calendar function and are configured in binary-coded decimal (BCD) format. Further eight
registers provide status/control of alarm, 32 kHz output, calibration, and watchdog functions. Addresses and data
are transferred serially via a two-line, bidirectional I²C interface. The built-in address register is incremented
automatically after each WRITE or READ data byte.
Functions available to the user include a time-of-day clock/calendar, an alarm interrupt (M41T62/M41T65), a 32
kHz output (M41T62/M41T64), a programmable square wave output (M41T62/M41T64), and a watchdog output
(M41T65). The eight clock address locations contain the century, year, month, date, day, hour, minute, second
and tenths/hundredths of a second in 24-hour BCD format. Corrections for 28-, 29- (leap year), 30- and 31-day
months are made automatically.
The M41T6x is supplied in two very small packages: a tiny, 3 x 3 mm 16-pin QFN which requires a user-supplied
32 kHz crystal, and an ultra-small 1.5 x 3.2 mm LCC with embedded crystal - no external crystal is required.
Table 1. Device summary
Device
Basic RTC
Alarms
OSC fail
detect
Watchdog timer
Calibration
SQW
output
IRQ output
WDO output
F32K
output
M41T62
✓
✓
✓
✓
✓
✓
✓
M41T64
✓
✓
✓
✓
✓
✓
✓
M41T65
✓
✓
✓
✓
✓
✓
✓
Figure 1. M41T62 logic diagram
SCL
VCC
M41T62
VSS
SDA
IRQ/OUT(1)
SQW(2)
XI
(3)
XO
(3)
1.
Open drain.
2.
Defaults to 32 kHz on power-up.
3.
Not bonded on LCC package.
M41T62, M41T64, M41T65
Description
DS3840 - Rev 24
page 2/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com