Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 34Page - STMicroelectronics M41T62 Datasheet HTML 35Page - STMicroelectronics M41T62 Datasheet HTML 36Page - STMicroelectronics M41T62 Datasheet HTML 37Page - STMicroelectronics M41T62 Datasheet HTML 38Page - STMicroelectronics M41T62 Datasheet HTML 39Page - STMicroelectronics M41T62 Datasheet HTML 40Page - STMicroelectronics M41T62 Datasheet HTML 41Page - STMicroelectronics M41T62 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
List of tables
Table 1.
Device summary .................................................................... 2
Table 2.
Signal names ...................................................................... 4
Table 3.
M41T62 register map ................................................................ 13
Table 4.
M41T64 register map ................................................................ 14
Table 5.
M41T65 register map ................................................................ 15
Table 6.
Alarm repeat modes ................................................................. 18
Table 7.
Square wave output frequency ......................................................... 19
Table 8.
Examples using century bits ........................................................... 20
Table 9.
Initial power-up values ............................................................... 21
Table 10.
Absolute maximum ratings ............................................................ 22
Table 11.
Operating and AC measurement conditions................................................. 23
Table 12.
Capacitance ...................................................................... 24
Table 13.
DC characteristics .................................................................. 24
Table 14.
Crystal electrical characteristics ......................................................... 25
Table 15.
Crystals suitable for use with M41T6x series RTCs ........................................... 25
Table 16.
Oscillator characteristics .............................................................. 25
Table 17.
AC characteristics .................................................................. 26
Table 18.
QFN16 — 16-pin, quad, flat package, no-lead, 3x3 mm, package mechanical data...................... 29
Table 19.
LCC8 — 8-pin, 1.5 x 3.2 mm leadless chip carrier package mechanical data .......................... 31
Table 20.
Carrier tape dimensions for QFN16 3 x 3 mm package ......................................... 33
Table 21.
Reel dimensions for 12 mm carrier tape - QFN16 and LCC8 packages .............................. 35
Table 22.
Ordering information scheme........................................................... 36
Table 23.
Document revision history ............................................................. 37
M41T62, M41T64, M41T65
List of tables
DS3840 - Rev 24
page 40/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com