Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2291 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2291
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2291 Datasheet HTML 5Page - Analog Devices ADP2291 Datasheet HTML 6Page - Analog Devices ADP2291 Datasheet HTML 7Page - Analog Devices ADP2291 Datasheet HTML 8Page - Analog Devices ADP2291 Datasheet HTML 9Page - Analog Devices ADP2291 Datasheet HTML 10Page - Analog Devices ADP2291 Datasheet HTML 11Page - Analog Devices ADP2291 Datasheet HTML 12Page - Analog Devices ADP2291 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP2291
Rev. 0 | Page 9 of 20
12
VIN (V)
135
130
125
120
115
46
10
8
Figure 16. Base Drive vs. Input Voltage
TEMPERATURE (
°C)
122
120
118
116
114
112
110
108
106
104
–40
–20
100
40
60
80
20
0
Figure 17. Base Drive vs. Temperature
VIN = 5 V
CH1 10.0mV
CH2 1.00V
BW
BW
M200
µs
CH2
6.18V
2
1
CH2 = VIN
5V OFFSET
VIN = 5V TO 8V
CH1 = VBAT
4.18V OFFSET
Figure 18. Line Transient Response
IBAT = 350 mA
CH1 20.0mV
CH3 10.0mV
Ω
BW
M100
µs
CH3
10.0mV
3
1
CH3 = IBAT
200mA/DIV
IBAT = 70mA TO 700mA
CH1 = VBAT
4.18V OFFSET
Figure 19.Load Transient Response
VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com