Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3333AV Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 3333AV
Description  All-in-One GNSS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3333AV Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 3333AV Datasheet HTML 17Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 18Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 19Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 20Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 21Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 22Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 23Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 24Page - List of Unclassifed Manufacturers 3333AV Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MT3333 All-in-One GNSS
Datasheet
© 2016 - 2017 MediaTek Inc.
Page 17 of 22
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
6.2.2.
TCXO LDO DC characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
AVDD43_VBAT
TCXO LDO input supply
voltage
2.8
3.3
4.3
V
Will change to bypass
mode under 3.1 volts
AVDD28_TLDO
TCXO LDO output
2.71
2.8
2.89
V
Icc
LDO output current
-
-
50
mA
Not including external
devices
PSRR-30 KHz
35
-
-
dB
Co = 1 uF, ESR = 0.05,
Iload = 25 mA
Load regulation
-84
10
84
mV
6.2.3.
TCXO SWITCH DC characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
AVDD_TCXO_SW
TCXO switch output voltage @
TCXO switch input =
AVDD28_TLDO
2.66
-
-
V
AVDD_TCXO_SW
TCXO switch output voltage @
TCXO switch input =
AVDD28_CLDO
1.71
-
-
V
Imax
TCXO SWITCH current limit
-
-
30
mA
6.2.4.
1.1 volts core LDO DC characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
AVDD28_CLDO
1.2 volts LDO input supply
voltage
1.62
1.8
3.08
V
AVDD11_CLDO
1.1 volts LDO output
1.05
1.12
1.2
V
Icc
LDO output current
-
-
50
mA
Load regulation
-
-
-
mV
6.2.5.
1.1 volts RTC LDO DC characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
AVDD43_RTC
RTC LDO input supply voltage
2
4
4.3
V
AVDD11_RTC
RTC LDO output
0.99
1.1
1.21
V
Icc
LDO output current
-
-
3
mA
Ileak
Leakage current
2.2
15
25
uA
Including LDO and RTC
domain circuit, at 25
degree room
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com