| Electronic Components Datasheet Search |
|
PCF2129 Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129 Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 86 page ![]() PCF2129 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 7 — 19 December 2014 40 of 86 NXP Semiconductors PCF2129 Accurate RTC with integrated quartz crystal for industrial applications A most common application of the timestamp function is described in Ref. 3 “AN11186”. See Section 8.12.5 for a description of interrupt generation from the timestamp function. 8.11.1 Timestamp flag 1. When the TS input pin is driven to an intermediate level between the power supply and ground, either on the falling edge from VDD or on the rising edge from ground, then the following sequence occurs: a. The actual date and time are stored in the timestamp registers. b. The timestamp flag TSF1 (register Control_1) is set. c. If the TSIE bit (register Control_2) is active, an interrupt on the INT pin is generated. The TSF1 flag can be cleared by command. Clearing the flag clears the interrupt. Once TSF1 is cleared, it will only be set again when a new negative or positive edge on pin TS is detected. 2. When the TS input pin is driven to ground, the following sequence occurs: a. The actual date and time are stored in the timestamp registers. b. In addition to the TSF1 flag, the TSF2 flag (register Control_2) is set. c. If the TSIE bit is active, an interrupt on the INT pin is generated. The TSF1 and TSF2 flags can be cleared by command; clearing both flags clears the interrupt. Once TSF2 is cleared, it will only be set again when TS pin is driven to ground once again. 8.11.2 Timestamp mode The timestamp function has two different modes selected by the control bit TSM (timestamp mode) in register Timestp_ctl: • If TSM is logic 0 (default): in subsequent trigger events without clearing the timestamp flags, the last timestamp event is stored • If TSM is logic 1: in subsequent trigger events without clearing the timestamp flags, the first timestamp event is stored The timestamp function also depends on the control bit BTSE in register Control_3, see Section 8.11.4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |