Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD301 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMBD301
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMBD301 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMBD301 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMBD301 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.3 TYPICAL TOTAL CAPACITANCE
VR, Reverse Voltage (V)
Fig.1 TYPICAL REVERSE CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES
Fig.2-TYPICAL FORWARD CHARACTERISTICS
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VF, Forward Voltage (V)
T=-25 C
A
O
25 C
O
75 C
O
125 C
O
0.001
0.01
0.1
1
10
100
0
1020
3040
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
5
10
15
20
25
30
VR,Reverse Voltage (Volts)
f=1MHz
T =125 C
A
O
T=75 C
A
O
T=25 C
A
O
MMBD301
Schottky Barrier Diode
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
SOT- 23
3000/REEL
90000
40X20X22
5.00
4.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com