Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WSFL Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BAV19WSFL
Description  For surface mounted applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BAV19WSFL Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BAV19WSFL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV19WSFL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV19WSFL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19WSFL THRU BAV21WSFL SOD-323FL
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
FEATURES
For surface mounted applications
Glass Passivated Chip Junction
Fast reverse recovery time
Ideal for automated placement
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-323FL
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 4.5mg / 0.00016oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SOD-323FL
Absolute Maximum Ratings at 25 °C
Parameter
Symbols
BAV19WSFL
BAV20WSFL
BAV21WSFL
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Maximum RMS voltage
VRMS
100
150
200
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
at 1s
1
at 1ms
3
Non-reptitive Peak Forward Surge Current
at 1us
IFSM
9
A
Total Power Dissipation
Ptot
500
mW
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
Characteristics at Ta = 25 °C
Parameter
Symbols
BAV19WSFL
BAV20WSFL
BAV21WSFL
Units
Reverse BreakdownVoltage at IR=100μA
V(BR)R
120
200
250
V
at 100 mA
1.00
Maximum Forward Voltage
at 200 mA
VF
1.25
V
Ta=25°C
0.1
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Ta=150°C
IR
100
uA
Typical Junction Capacitance at VR=4V, f=1MHz
Cj
5
pF
Maximum Reverse Recovery Time
Trr
50
nS
Marking Code
BAV19WSFL
A8
BAV20WSFL
T2
BAV21WSFL
T3


Similar Part No. - BAV19WSFL

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BAV19WSFL YEASHIN-BAV19WSFL Datasheet
822Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV19WSFL-A YEASHIN-BAV19WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
More results

Similar Description - BAV19WSFL

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
1N4148W-SOD123 YFWDIODE-1N4148W-SOD123 Datasheet
474Kb / 3P
For surface mounted applications
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com