Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8152F Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8152F
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152F Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8152F Datasheet HTML 1Page - Richtek Technology Corporation RT8152F Datasheet HTML 2Page - Richtek Technology Corporation RT8152F Datasheet HTML 3Page - Richtek Technology Corporation RT8152F Datasheet HTML 4Page - Richtek Technology Corporation RT8152F Datasheet HTML 5Page - Richtek Technology Corporation RT8152F Datasheet HTML 6Page - Richtek Technology Corporation RT8152F Datasheet HTML 7Page - Richtek Technology Corporation RT8152F Datasheet HTML 8Page - Richtek Technology Corporation RT8152F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RT8152C/D
2
DS8152C/D-04
April 2011
www.richtek.com
Typical Application Circuit
Pin Configurations
(TOP VIEW)
WQFN-32L 5x5
Figure 1. CPU Core Voltage Regulator
NTC
VRON
DPRSLPVR
OCSET
BOOT
PGND
PHASE
UGATE
PGOOD
PVDD
LGATE
VCC
GND
SOFT
TON
33
GND
24
23
22
21
1
2
3
4
10 11 12 13
31 30 29 28
20
19
5
6
9
32
14
27
18
7
15
26
16
25
17
8
CLKEN
Marking Information
RT8152CGQW : Product Number
YMDNN : Date Code
RT8152CGQW
RT8152DGQW : Product Number
YMDNN : Date Code
RT8152DGQW
VOUT
VID0
VID1
VID2
VID3
VID4
5V
29
23
22
20
27
28
21
15
5
2
VID0
VID1
VID2
VID3
UGATE
ISEN_N
RT8152C/D
VID4
LGATE
PGND
31
30
PVDD
24
17
VCC
RGND
BOOT
PGOOD
7
PHASE
OCSET
ISEN
16
R11
PWRGD
3.3V
L1
VIN
C5
R7
C7
C1
R1
C4
Q1
Q2
R4
R5
R8
5V to 25V
R6
C6
D1
COUT
CMSET
11
12
COMP
14
VSEN
R18
R19
C13
C12
R20
NTC1
VOUT
C10
SOFT 8
9
R17
R16
R15
NTC2
VCC
CPU VSS_SNS
R22
DPRSLPVR
3 DPRSLPVR
GND
18, 33 (Exposed Pad)
C9
19
C2
C3
TON
R2
R3
VID5
VID6
25
26
VID5
VID6
R21
CPU VCC_SNS
R13
13
FB
CM
R12
C11
CM 10
CLKEN
VRTT
6
32
R10
R9
VCCP
CLKEN
VRTT
R14
1
NTC
VRON
4 VRON
CPU VSS_SNS
RT8152C
GQW
YMDNN
RT8152D
GQW
YMDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com