Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH005 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RH005
Description  Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH005 Datasheet(HTML) 4 Page - Vishay Siliconix

  RH005 Datasheet HTML 1Page - Vishay Siliconix RH005 Datasheet HTML 2Page - Vishay Siliconix RH005 Datasheet HTML 3Page - Vishay Siliconix RH005 Datasheet HTML 4Page - Vishay Siliconix RH005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RE Military
www.vishay.com
Vishay Dale
Revision: 04-Sep-2019
4
Document Number: 30282
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element: copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: ceramic, steatite or alumina, depending on physical
size
Encapsulant: silicone molded construction
Housing: aluminum with hard anodic coating
End Caps: stainless steel
Standard Terminals: For RE77 and RE80 terminals are
threaded stainless steel. All others are 60/40 tin/lead (Sn/Pb)
w/nickel underplate on copper clad steel core terminal.
Part Marking: Dale, model, wattage, value, tolerance, date
code
NON-INDUCTIVE (TYPE N)
Models of equivalent physical and electrical specifications
are available with non-inductive (Ayrton-Perry) winding.
They are identified by substituting the letter N for G in the
model number (RE60N, for example).
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
Rated power applied until thermally stable,
then a minimum of 15 min at -55 °C
± (0.5 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS for RE60, RE65 and RE70; 2000 VRMS for RE75;
4500 VRMS for RE77 and RE80; duration 1 min
± (0.2 % + 0.05
) R
Temperature
250 °C for 2 h
± (0.5 % + 0.05
) R
Moisture Resistance
MIL-STD-202 method 106, 7b not applicable
± (1.0 % + 0.05
) R
Shock, Specified Pulse
MIL-STD-202 method 213, 100 g’s for 6 ms, 10 shocks
± (0.2 % + 0.05
) R
Vibration, High Frequency
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.2 % + 0.05
) R
Load Life
1000 h at rated power, +25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
) R
Terminal Strength
30 s, 5 pound pull test for RE60 and RE65,
10 pound pull test for other sizes;
torque test - 24 pound inch for RE77 and 32 pound inch for RE80
± (0.2 % + 0.05
) R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com