Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA06P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRA06P
Description  Thick Film Resistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06P Datasheet(HTML) 3 Page - Vishay Siliconix

  CRA06P Datasheet HTML 1Page - Vishay Siliconix CRA06P Datasheet HTML 2Page - Vishay Siliconix CRA06P Datasheet HTML 3Page - Vishay Siliconix CRA06P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
10
CRA06P
Vishay Dale
Document Number 31047
Revision 25-Jul-05
For Technical Questions, contact: ff3aresistors@vishay.com
CIRCUIT
Thick Film, Resistor Array
MODEL
TAPE WIDTH
DIAMETER
PIECES
PITCH
PACKING CODE
PAPER TAPE
CRA06P
8 mm
180 mm/7"
5 000
4 mm
RT1
8 mm
330 mm/13"
20 000
4 mm
RT6
PACKING
Derating
Ambient Temperature
°C
120
100
80
60
40
20
0
-55
-25
0
25
50
75
100
125
150
70
8-pin
03 Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com