Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0016 Datasheet(PDF) 54 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 50Page - STMicroelectronics RM0016 Datasheet HTML 51Page - STMicroelectronics RM0016 Datasheet HTML 52Page - STMicroelectronics RM0016 Datasheet HTML 53Page - STMicroelectronics RM0016 Datasheet HTML 54Page - STMicroelectronics RM0016 Datasheet HTML 55Page - STMicroelectronics RM0016 Datasheet HTML 56Page - STMicroelectronics RM0016 Datasheet HTML 57Page - STMicroelectronics RM0016 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 467 page
background image
Flash program memory and data EEPROM
RM0016
54/467
DocID14587 Rev 14
4.8.4
Flash protection register (FLASH_FPR)
Address offset: 0x03
Reset value: 0x00
4.8.5
Flash protection register (FLASH_NFPR)
Address offset: 0x04
Reset value: 0xFF
4.8.6
Flash program memory unprotecting key register (FLASH_PUKR)
Address offset: 0x08
Reset value: 0x00
76
54
32
10
Reserved
WPB5
WPB4
WPB3
WPB2
WPB1
WPB0
r
ro
rorororo
ro
Bits 7:6 Reserved.
Bits 5:0 WPB[5:0]: User boot code area protection bits
These bits show the size of the boot code area. They are loaded at startup with the content of
the UBC option byte. Refer to the datasheets for the protected pages according to the bit
values.
76
54
32
10
Reserved
NWPB5
NWPB4
NWPB3
NWPB2
NWPB1
NWPB0
ro
ro
ro
ro
ro
ro
Bits 7:6 Reserved.
Bits 5:0 WPB[5:0]: User boot code area protection bits
These bits show the size of the boot code area. They reflect the content of the NUBC option
byte. Refer o the datasheet for the protected pages according to the bit values.
7
654
3210
MASS_PRG KEYS
rw
Bits 7:0 PUK [7:0]: Main program memory unlock keys
This byte is written by software (all modes). It returns 0x00 when read.
Refer to Enabling write access to the main program memory on page 44 for the description
of main program area write unprotection mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com