| Electronic Components Datasheet Search |
|
RM0016 Datasheet(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0016 Datasheet(HTML) 142 Page - STMicroelectronics |
|
142 / 467 page ![]() 16-bit advanced control timer (TIM1) RM0016 142/467 DocID14587 Rev 14 17.3.1 Reading and writing to the 16-bit counter There is no buffering when writing to the counter. Both TIM1_CNTRH and TIM1_CNTRL can be written at any time, so it is suggested not to write a new value into the counter while it is running to avoid loading an incorrect intermediate content. An 8-bit buffer is implemented for the read. Software must read the MS byte first, after which the LS byte value is buffered automatically (see Figure 33). This buffered value remains unchanged until the 16-bit read sequence is completed. Note: Do not use the LDW instruction to read the 16-bit counter. It reads the LS byte first and returns an incorrect result. Figure 33. 16-bit read sequence for the counter (TIM1_CNTR) 17.3.2 Write sequence for 16-bit TIM1_ARR register 16-bit values are loaded in the TIM1_ARR register through preload registers. This must be performed by two write instructions, one for each byte. The MS byte must be written first. The shadow register update is blocked as soon as the MS byte has been written, and stays blocked until the LS byte has been written. Do not use the LDW instruction as this writes the LS byte first which produces incorrect results. 17.3.3 Prescaler The prescaler implementation is as follows: The TIM1 prescaler is based on a 16-bit counter controlled through a 16-bit register (in TIM1_PSCR register). It can be changed on the fly as this control register is buffered. It can divide the counter clock frequency by any factor between 1 and 65536. The counter clock frequency is calculated as follows: fCK_CNT = fCK_PSC/(PSCR[15:0]+1) The prescaler value is loaded through a preload register. The shadow register, which contains the current value to be used, is loaded as soon as the LS byte has been written. To update the 16-bit prescaler, load two bytes in separate write operations starting with the MSB. Do not use the LDW instruction for this purpose as it writes the LSB first. The new prescaler value is taken into account in the following period (after the next counter update event). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |