Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0016 Datasheet(PDF) 438 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 438 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 434Page - STMicroelectronics RM0016 Datasheet HTML 435Page - STMicroelectronics RM0016 Datasheet HTML 436Page - STMicroelectronics RM0016 Datasheet HTML 437Page - STMicroelectronics RM0016 Datasheet HTML 438Page - STMicroelectronics RM0016 Datasheet HTML 439Page - STMicroelectronics RM0016 Datasheet HTML 440Page - STMicroelectronics RM0016 Datasheet HTML 441Page - STMicroelectronics RM0016 Datasheet HTML 442Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 467 page
background image
Analog/digital converter (ADC)
RM0016
438/467
DocID14587 Rev 14
Table 75. ADC interrupts in buffered continuous mode (ADC1)
Enable bits
Status flags
Exit
from
Wait
Exit
from
Halt
AWSx
AWD
EOC
0
Don’t
care
0
0
0
The flag is set at the end
of BSIZE conversions
No
No
0
Don’t
care
1
0
The flag is set at the end
of BSIZE conversions
and an interrupt is
generated.
Yes
No
1
0
0
Flag is set if conversion
on buffer ”x” crosses the
thresholds programmed
in the ADC_HTR and
ADC_LTR registers
The flag is set at the end
of BSIZE conversions if
at least one of the
AWSx bits is set
The flag is set at the end
of BSIZE conversions
(Data Buffer Full)
No
No
1
1
0
The flag is set and an
interrupt is generated at
the end of BSIZE
conversions if at least
one of the AWSx bits is
set. Continuous
conversion is not
stopped.
Yes
No
1
0
1
The flag is set at the end
of BSIZE conversions if
at least one of the
AWSx bits is set
The flag is set at the end
of BSIZE conversions
and an interrupt is
generated.
Yes
No
1
1
1
The flag is set
immediately as soon as
one of the AWSx bits is
set. In interrupt is
generated and
continuous conversion
is stopped.
The flag is set at the end
of BSIZE conversions
and an interrupt is
generated.
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com