Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2339 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM2339
Description  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 18Page - STMicroelectronics UM2339 Datasheet HTML 19Page - STMicroelectronics UM2339 Datasheet HTML 20Page - STMicroelectronics UM2339 Datasheet HTML 21Page - STMicroelectronics UM2339 Datasheet HTML 22Page - STMicroelectronics UM2339 Datasheet HTML 23Page - STMicroelectronics UM2339 Datasheet HTML 24Page - STMicroelectronics UM2339 Datasheet HTML 25Page - STMicroelectronics UM2339 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Figure 9. ST-LINK/V2
78
ST-Link/V2 SWIM mode
Title:
Size:
Reference:
Sheet:
of
A4
Revision:
Project: STM8 SO8 Discovery
MB1383
A02
11-DEC-17
Default
Date:
-
Variant:
STLINK_USB_D_N
STLINK_USB_D_P
STLK_RST
STLK_OSC_IN
STLK_OSC_OUT
AIN_1
Board Ident: PC13=0
LED_STLINK
3V3_STLINK
3V3_STLINK
3V3_STLINK
3V3_STLINK
3V3_STLINK
4K7
R8
100K
R7
10K
R9
10K
R11
NX3225GD-8.00M
X1
10pF
C8
10pF
C6
100nF
C11
4K7
R17
4K7
R16
STM32F103CBT6
VBAT
1
PC13
2
PA12
33
PC14
3
PC15
4
JTMS/SWDIO
34
OSCIN
5
OSCOUT
6
VSS_2
35
NRST
7
VSSA
8
VDD_2
36
VDDA
9
PA0
10
PA1
11
PA2
12
PB12
25
PB13
26
PB14
27
PB15
28
PA8
29
PA9
30
PA10
31
PA11
32
U6
JP2
STLINK_SWDIO
5V_STLINK
STLINK_USB_D_N
STLINK_USB_D_P
3V3_STLINK
USB_uB_105017-0001
VBUS
1
DM
2
DP
3
ID
4
GND
5
Shield
6
Shield
7
Shield
8
Shield
9
EXP
10
EXP
11
CN3
1K5
R12
100K
R10
USBLC6-2P6
IO2
3
GND
2
IO1
1
IO_1
6
VBUS
5
IO_2
4
U8
5V_STLINK
5V_STLINK
3V3_STLINK
1uF
C18
100nF
C17
10nF
C14
LD3985M33R
5
1
GND
3
BYPASS
INH
Vin
Vout
U11
3V3_STLINK
LD_BICOLOR_CMS
2
1
4
3
Red
Green
LD2
1
2
3
4
CN2
STLINK_SWDIO
STLINK_SWCLK
3V3_STLINK
T_SWIM
SWIM
SWIM_RST
SWIM_IN
SWIM_RST_IN
220R
R4
220R
R5
47R
R2
47R
R1
680R
R3
3V3_STLINK
SWIM
COM
USB STLink
1
2
3
4
CN1
VDD
HW7
JP1
IDD
680R
R6
USBLC6-2P6
IO2
3
GND
2
IO1
1
IO_1
6
VBUS
5
IO_2
4
U4
3V3_STLINK
100nF
C16
100nF
C4
100nF
C13
100nF
C5
100nF
C10
1uF
C15
SWIM
NC
VSS
NRST
SWDIO
VSS
SWCLK
3V3
RESERVED
HW9
HW11
HW10
HW8
CN6
CN5
CN7
CN4
330R
R18
330R
R19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com