Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4861 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4861
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4861 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4861 Datasheet HTML 1Page - STMicroelectronics AN4861 Datasheet HTML 2Page - STMicroelectronics AN4861 Datasheet HTML 3Page - STMicroelectronics AN4861 Datasheet HTML 4Page - STMicroelectronics AN4861 Datasheet HTML 5Page - STMicroelectronics AN4861 Datasheet HTML 6Page - STMicroelectronics AN4861 Datasheet HTML 7Page - STMicroelectronics AN4861 Datasheet HTML 8Page - STMicroelectronics AN4861 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
Contents
AN4861
2/91
DocID029237 Rev 2
Contents
1
Display and graphics overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.1
Basic graphics concepts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.2
Display interface standards . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
1.3
Display interfaces supported by STM32 MCUs . . . . . . . . . . . . . . . . . . . . 13
2
Overview of LTDC controller and STM32 MCUs graphical portfolio . 15
2.1
LCD-TFT display controller on STM32 MCUs . . . . . . . . . . . . . . . . . . . . . 15
2.2
LTDC availability and graphic portfolio across STM32 families . . . . . . . . 15
2.3
LTDC in a smart architecture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.4
Advantages of using an STM32 LTDC controller . . . . . . . . . . . . . . . . . . . 19
3
LCD-TFT (LTDC) display controller description . . . . . . . . . . . . . . . . . . 20
3.1
Functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3.1.1
LTDC clock domains . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3.1.2
LTDC reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3.2
Flexible timings and hardware interface . . . . . . . . . . . . . . . . . . . . . . . . . . 21
3.2.1
LCD-TFT pins and signal interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
3.2.2
Fully programmable timings for different display sizes . . . . . . . . . . . . . 22
3.3
Two programmable LTDC layers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
3.3.1
Flexible window position and size configuration . . . . . . . . . . . . . . . . . . 26
3.3.2
Programmable layer: color framebuffer . . . . . . . . . . . . . . . . . . . . . . . . . 27
3.4
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
3.5
Low-power modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
4
Creating a graphical application with LTDC . . . . . . . . . . . . . . . . . . . . . 31
4.1
Determining graphical application requirements . . . . . . . . . . . . . . . . . . . 31
4.2
Checking the display size and color depth compatibility
with the hardware configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
4.2.1
Framebuffer memory size requirements and location . . . . . . . . . . . . . . 31
4.2.2
Checking display compatibility considering the memory
bandwidth requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
4.2.3
Check the compatibility of the display panel interface with the LTDC . . 39
4.3
STM32 package selection guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com