Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 46Page - STMicroelectronics STM32F469 Datasheet HTML 47Page - STMicroelectronics STM32F469 Datasheet HTML 48Page - STMicroelectronics STM32F469 Datasheet HTML 49Page - STMicroelectronics STM32F469 Datasheet HTML 50Page - STMicroelectronics STM32F469 Datasheet HTML 51Page - STMicroelectronics STM32F469 Datasheet HTML 52Page - STMicroelectronics STM32F469 Datasheet HTML 53Page - STMicroelectronics STM32F469 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
Creating a graphical application with LTDC
AN4861
50/91
DocID029237 Rev 2
MPU attributes configuration
In order to prevent graphic performance issues related to the Cortex®-M7 speculative read
accesses, the user should review all the memory map of the application and configure the
MPU according to the hardware. So, the user has to set the following configurations:
•
Define the framebuffer MPU region and the other application MPU regions.
•
MPU must be configured according to the size of the memory used by the application.
•
The MPU attributes of the unused regions must be configured to strongly ordered
execute never (XN). For example, for the Quad-SPI, if an 8 MByte memory is
connected, the remaining 248 MByte unused space (from a total 256 MByte
addressable space) must be set to strongly ordered XN. See example in Section 6.2.7.
•
Prevent the Coretx-M7 speculative read accesses to the external SDRAM/SRAM (if the
FMC swap is enabled, see Figure 29), to do it the SDRAM/SRAM MPU region must be
set to execute never (XN).
•
If the Cortex®-M7 CPU is used for framebuffer processing (writing to SDRAM/SRAM),
the framebuffer region MPU attribute should be set to normal cacheable with read and
write access permission.
Note:
The framebuffer MPU region attribute should be set to execute never since it is only
dedicated for graphical content creation.
Figure 29 describes the STM32F7’s FMC banks and Quad-SPI MPU memory attributes at
default system memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com