Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F479 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 41Page - STMicroelectronics STM32F479 Datasheet HTML 42Page - STMicroelectronics STM32F479 Datasheet HTML 43Page - STMicroelectronics STM32F479 Datasheet HTML 44Page - STMicroelectronics STM32F479 Datasheet HTML 45Page - STMicroelectronics STM32F479 Datasheet HTML 46Page - STMicroelectronics STM32F479 Datasheet HTML 47Page - STMicroelectronics STM32F479 Datasheet HTML 48Page - STMicroelectronics STM32F479 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
DocID029237 Rev 2
45/91
AN4861
Creating a graphical application with LTDC
89
pLayerCfg.PixelFormat = LTDC_PIXEL_FORMAT_RGB888;
pLayerCfg.Alpha = 255;
pLayerCfg.Alpha0 = 0;
pLayerCfg.BlendingFactor1 = LTDC_BLENDING_FACTOR1_PAxCA;
pLayerCfg.BlendingFactor2 = LTDC_BLENDING_FACTOR1_PAxCA;
/* Framebuffer start address: LTDC fetches the image directly from internal
Flash the real image width is 448 pixels. Only the 448 pixels width is
displayed*/
pLayerCfg.FBStartAdress = (uint32_t)&image_data_Image_RGB888_448x272;
pLayerCfg.ImageWidth = 448;
pLayerCfg.ImageHeight = 272;
pLayerCfg.Backcolor.Blue = 0;
pLayerCfg.Backcolor.Green = 0;
pLayerCfg.Backcolor.Red = 0;
if (HAL_LTDC_ConfigLayer(&hltdc, &pLayerCfg, 0) != HAL_OK)
{
Error_Handler();
}
Figure 26. Reducing layer window and framebuffer line widths
•
Add a number of dummy bytes at the end of every line of pixels to match the closest
frame line width multiple of 64 bytes. This can be done using the LTDC layer pitch (see
Section 3.3: Two programmable LTDC layers). To do this, the user must consider the
two points below:
–
The framebuffer should contain the dummy bytes (as described in Figure 27):
when writing data into the framebuffer, it can be done by programming an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com