Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5534-JZX Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB5534-JZX
Description  4-Port SuperSpeed USB Hub Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB5534-JZX Datasheet(HTML) 4 Page - SMSC Corporation

  USB5534-JZX Datasheet HTML 1Page - SMSC Corporation USB5534-JZX Datasheet HTML 2Page - SMSC Corporation USB5534-JZX Datasheet HTML 3Page - SMSC Corporation USB5534-JZX Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-Port SuperSpeed USB Hub Controller
Revision 0.1 (01-11-11)
4
SMSC USB5534
PRODUCT REVIEW
Package Outline
The USB5534 64-Pin QFN Package Outline (9x9 mm Body, 0.5 Pitch, 3.1 ePad)
Notes:
1.
All dimensions are in millimeters.
2.
Applies to plated terminals and is measured between 0.15 and 0.30 mm from the terminal tip
3.
Details of terminal #1 identifier are optional but must me located within the area indicated. The terminal #1 identifier may be
either a mold or marked feature.
MIN
NOMINAL
MAX
NOTE
REMARKS
A
0.80
0.85
1.00
-
Overall Package Height
A1
0
0.02
0.05
-
Standoff
A2
-
0.65
0.80
-
Mold Cap Thickness
D/E
8.90
9.00
9.10
-
X/Y Overall Body Size
D1/E1
8.65
8.75
8.85
-
X/Y Mold Cap Size
D2/E2
4.60
4.70
4.80
-
X/Y Exposed Pad Size
L
0.30
0.40
0.50
-
Terminal Length
b
0.18
0.25
0.30
2
Terminal Width
K
1.55
-
-
-
Terminal to ePad Clearance
e
0.50 BSC
-
Terminal Pitch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com