Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV751 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV751
Description  TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV751 Datasheet(HTML) 3 Page - Texas Instruments

  TLV751_V01 Datasheet HTML 1Page - Texas Instruments TLV751_V01 Datasheet HTML 2Page - Texas Instruments TLV751_V01 Datasheet HTML 3Page - Texas Instruments TLV751_V01 Datasheet HTML 4Page - Texas Instruments TLV751_V01 Datasheet HTML 5Page - Texas Instruments TLV751_V01 Datasheet HTML 6Page - Texas Instruments TLV751_V01 Datasheet HTML 7Page - Texas Instruments TLV751_V01 Datasheet HTML 8Page - Texas Instruments TLV751_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
NC
2
GND
3
EN1
4
GND
5
EN2
6
IN2
7
NC
8
OUT2
9
IN1
10
OUT1
Not to scale
Thermal
Pad
1
FB1
2
GND
3
EN1
4
GND
5
EN2
6
IN2
7
FB2
8
OUT2
9
IN1
10
OUT1
Not to scale
Thermal
Pad
3
TLV751
www.ti.com
SBVS385B – DECEMBER 2019 – REVISED APRIL 2020
Product Folder Links: TLV751
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSQ Package
10-Pin Adjustable WSON
Top View
DSQ Package
10-Pin Fixed WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DSQ
(Adjustable)
DSQ
(Fixed)
EN1
3
3
Input
Enable pin. Drive EN1 greater than VEN1(HI) to turn on the regulator.
Drive EN1 less than VEN1(LO) to put the low-dropout (LDO) regulator into
shutdown mode.
EN2
5
5
Input
Enable pin. Drive EN2 greater than VEN2(HI) to turn on the regulator.
Drive EN2 less than VEN2(LO) to put the LDO into shutdown mode.
FB1
1
—
—
For the adjustable version, this pin is used as an input to the control loop error
amplifier and is used to set the output voltage of the LDO.
FB2
7
—
—
For the adjustable version, this pin is used as an input to the control loop error
amplifier and is used to set the output voltage of the LDO.
GND
2, 4
2, 4
—
Ground pin
IN1
9
9
Input
Input pin. For best transient response and to minimize input impedance, use
the recommended value or larger ceramic capacitor from IN to ground; see the
Recommended Operating Conditions table and the Input and Output Capacitor
Selection section. Place the input capacitor as close to the output of the device
as possible.
IN2
6
6
Input
Input pin. For best transient response and to minimize input impedance, use
the recommended value or larger ceramic capacitor from IN to ground; see the
Recommended Operating Conditions table and the Input and Output Capacitor
Selection section. Place the input capacitor as close to the output of the device
as possible.
NC
—
1, 7
—
For the fixed version, this pin is not connected internally.
OUT1
10
10
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for
stability. For best transient response, use the nominal recommended value or
larger ceramic capacitor from OUT to ground; see the Recommended
Operating Conditions table and the Input and Output Capacitor Selection
section. Place the output capacitor as close to output of the device as
possible.
OUT2
8
8
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for
stability. For best transient response, use the nominal recommended value or
larger ceramic capacitor from OUT to ground; see the Recommended
Operating Conditions table and the Input and Output Capacitor Selection
section. Place the output capacitor as close to output of the device as
possible.
Thermal pad
—
Connect the thermal pad to a large area GND plane for improved thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com