Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0674T100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0674T100
Description  VGA Color CMOS Image Sensor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674T100 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0674T100 Datasheet HTML 1Page - STMicroelectronics STV0674T100 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATABRIEF
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
May 2004
1/2
Features
■ Small physical size: integrated lens in a
SmOP (Small Optical Package)
■ 640 x 480 VGA resolution
■ Up to 30 frame/s VGA, 60 frame/s QVGA
■ On-chip 10-bit ADC
■ Automatic dark calibration
■ 2.6 V to 3.6 V power supply
■ I2C communications
■ Low power suspend mode
■ 4 or 5 wire nibble output
■ Socket available separately
Description
The VS6502 is a VGA resolution SmOP sensor
module. SmOP technology combines the
image sensor and fixed focus lens system in a
single module. The SmOP sensor module is
connected to the PCB either via a socket or flex
option. The socket allows the PCB to use
standard reflow soldering techniques.
The sensor outputs 10-bit raw digital image
data which directly interface to a range of
STMicroelectronics companion processors via
4/5 wire interface.
An I2C interface allows the processor to
configure the device and control exposure and
gain settings.
There are three different digital video output
formats:
●VGA mode - 640 x 480 image size
●Sub-sampled QVGA mode - 320 x 240
image size
●Window Of Interest QVGA mode - 320 x 240
pixel
Applications
●Miniature USB web cameras
(STV0676 - STV0674)
●Embedded cameras (STV0676 - STV0674):
Handhelds, Cell phones, Network cameras
●Digital stills cameras (STV0674):
Minicam, miniature USB flash drive cameras
●Digital video cameras (STV0674)
Technical Specifications
Ordering information
Pixel resolution
644 x 484 (VGA)
Pixel size
5.6 µm x 5.6 µm
Array size
3.6 mm x 2.7 mm
Dynamic range
> 52 dB
Analogue gain
0 to 24dB
Sensitivity (typical)
2.05 V / lux-s
Signal/Noise ratio
+ 37 dB
Supply voltage
2.6 to 3.6 V
Power consumption
Active (30 frame/s)
<30mA
Suspend (no clk) < 10 µA
Operating temperature
[-25 ; +70]°C
Package size
10.6 mm x 8.7 mm x
5.8 mm
Lens
47° HFOV, f#2.8
Package type
14 pad SmOP
Ordering code
Description
VS6502V015
VS6502 sensor module
XS0015/TR
socket for sensor module
VGA Color CMOS Image Sensor Module
VS6502


Similar Part No. - STV0674T100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0674T100 STMICROELECTRONICS-STV0674T100 Datasheet
336Kb / 35P
Tri-mode CMOS digital camera co-processor
Jul-2003
More results

Similar Description - STV0674T100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
STMicroelectronics
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
VGA Color CMOS Image Sensor Module
Oct-2004
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com