Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1237 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1237
Description  TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1237 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1237 Datasheet HTML 1Page - Texas Instruments TMUX1237 Datasheet HTML 2Page - Texas Instruments TMUX1237 Datasheet HTML 3Page - Texas Instruments TMUX1237 Datasheet HTML 4Page - Texas Instruments TMUX1237 Datasheet HTML 5Page - Texas Instruments TMUX1237 Datasheet HTML 6Page - Texas Instruments TMUX1237 Datasheet HTML 7Page - Texas Instruments TMUX1237 Datasheet HTML 8Page - Texas Instruments TMUX1237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TMUX1237
SEL
S1
D
S2
RF Output
TMUX1237
SEL
1.8 V
DAC
0 V
5 V
RF Input
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch
With No Overshoot When Switching Inputs
1
1 Features
1
No Overshoot When Switching Inputs
Rail-to-rail Operation
Bidirectional Signal Path
1.8 V Logic Compatible
Fail-safe Logic
Low On-resistance: 3 Ω
Wide Supply Range: 1.08 V to 5.5 V
-40°C to +125°C Operating Temperature
Low Supply Current: 7 nA
Break-before-make Switching
ESD Protection HBM: 2000 V
2 Applications
Analog and Digital Switching
I2C and SPI Bus Multiplexing
Remote Radio Units (RRU)
Active Antenna System mMIMO (AAS)
Rack Server
Network Interface Card (NIC)
Barcode Scanner
Building Automation
Analog Input Module
Motor Drives
Video Surveillance
Electronic Point of Sale
Desktop PC
Appliances
3 Description
The TMUX1237 is a general purpose 2:1, single-pole
double-throw (SPDT), switch that supports a wide
operating range of 1.08 V to 5.5 V. The device
supports bidirectional analog and digital signals on
the source (Sx) and drain (D) pins ranging from GND
to VDD. The state of the select pin (SEL) controls
which of the two sources pins are connected to the
drain pin. Additionally, the TMUX1237 has a low
supply current of 7 nA which enables the device to be
used in a host of handheld or low power applications.
The
TMUX1237
improves
system
reliability
by
eliminating overshoot that might occur in a system
due to switching between two voltage levels on the
source (Sx) pins. In addition, the TMUX1237 also
maintains fast switching times, enabling it to improve
system performance for a wide range of applications
from
communications
equipment
to
building
automation.
All
logic
inputs
have
1.8
V
logic
compatible
thresholds, ensuring both TTL and CMOS logic
compatibility when operating in the valid supply
voltage
range.
Fail-Safe
Logic
circuitry
allows
voltages on the control pins to be applied before the
supply pin, protecting the device from potential
damage.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX1237
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
SPACER
SPACER
TMUX1237 Block Diagram
Application Example


Similar Part No. - TMUX1237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1237 TI2-TMUX1237 Datasheet
960Kb / 32P
TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
REVISED MARCH 2020
TMUX1237DCKR TI2-TMUX1237DCKR Datasheet
960Kb / 32P
TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
REVISED MARCH 2020
TMUX1237DCKR.A TI2-TMUX1237DCKR.A Datasheet
960Kb / 32P
TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
REVISED MARCH 2020
TMUX1237DCKRG4 TI2-TMUX1237DCKRG4 Datasheet
960Kb / 32P
TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
REVISED MARCH 2020
TMUX1237DCKRG4.A TI2-TMUX1237DCKRG4.A Datasheet
960Kb / 32P
TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
REVISED MARCH 2020
More results

Similar Description - TMUX1237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Texas Instruments
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TMUX1247 TI1-TMUX1247 Datasheet
1Mb / 31P
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX4157N TI-TMUX4157N Datasheet
636Kb / 15P
TMUX4157N 2-廓 Low RON, -12V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com