Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP100 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP100
Description  Offline Inductor-less Regulator For Low Power Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP100 Datasheet HTML 7Page - Monolithic Power Systems MP100 Datasheet HTML 8Page - Monolithic Power Systems MP100 Datasheet HTML 9Page - Monolithic Power Systems MP100 Datasheet HTML 10Page - Monolithic Power Systems MP100 Datasheet HTML 11Page - Monolithic Power Systems MP100 Datasheet HTML 12Page - Monolithic Power Systems MP100 Datasheet HTML 13Page - Monolithic Power Systems MP100 Datasheet HTML 14Page - Monolithic Power Systems MP100 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP100 – OFFLINE INDUCTOR-LESS REGULATOR
MP100 Rev. 1.04
www.MonolithicPower.com
11
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Surge
Since there is no capacitor to absorb AC line
transients, MOV should be used to protect the IC
to survive the transient test.
With 750V switch integrated, MP100 can pass
1kV surge test with an appropriate MOV
connected between the line input ports.
PCB Layout Guide
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended to duplicate EVB layout for
optimum performance.
If change is necessary, please follow these
guidelines and take Figure 4 for reference.
1) Minimize the loop area formed by positive
output of rectifier, VIN, VB and GND.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Output capacitor should be put close to the
output terminal.
4) Connect the exposed pad with GND to a
large copper area to improve thermal
performance and long-term reliability
GND
MP100
VD
5
NC
7
FB 3
VB
6
PG
1
VIN
8
GND
2
VOUT
4
U1
BD1
C1
C2
R1
R2
R3
C3
RF1
L
N
VOUT
GND
C4
Top Layer
R1
R2
R3
Bottom Layer
Figure 4: PCB Layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
85V to 305V
VOUT
12V
IOUT
10mA
The detailed application schematic is shown in
Figure 5. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device application, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com