Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2374 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2374
Description  6.5V-32V Input, 1A, 330kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2374 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2374 Datasheet HTML 1Page - Monolithic Power Systems MP2374 Datasheet HTML 2Page - Monolithic Power Systems MP2374 Datasheet HTML 3Page - Monolithic Power Systems MP2374 Datasheet HTML 4Page - Monolithic Power Systems MP2374 Datasheet HTML 5Page - Monolithic Power Systems MP2374 Datasheet HTML 6Page - Monolithic Power Systems MP2374 Datasheet HTML 7Page - Monolithic Power Systems MP2374 Datasheet HTML 8Page - Monolithic Power Systems MP2374 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2374 – 6.5V-32V INPUT, 1A, 330kHz STEP-DOWN CONVERTER
MP2374 Rev. 1.0
www.MonolithicPower.com
4
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP2374 is a current mode step-down
regulator. It regulates input voltages from 6.5V
to 32V down to an output voltage as low as
1.230V and is able to supply up to 1A of load
current.
The MP2374 uses current-mode control to
regulate the output voltage. The output voltage
is measured at FB through a resistive voltage
divider and amplified through the internal error
amplifier.
The
output
current
of
the
transconductance error amplifier is presented at
COMP where a network compensates the
regulation control system.
The voltage at COMP is compared to the switch
current measured internally to control the output
voltage. The converter uses an internal
N-Channel MOSFET switch to step-down the
input voltage to the regulated output voltage.
Since the MOSFET requires a gate voltage
greater than the input voltage, a boost capacitor
connected between SW and BS drives the gate.
The capacitor is internally charged while SW is
low. An internal 10Ω switch from SW to GND is
used to insure that SW is pulled to GND when
the switch is off to fully charge the BS capacitor
LOCKOUT
COMPARATOR
ERROR
AMPLIFIER
FREQUENCY
FOLDBACK
COMPARATOR
INTERNAL
REGULATORS
1.8V
SLOPE
COMP
CLK
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SHUTDOWN
COMPARATOR
COMP
IN 2
EN 7
5
6
GND
4
OSCILLATOR
THERMAL
PROTECTION
35/330KHz
S
R
Q
SW
BS
M1
M2
1
+
REF
5V
8
Q
1.2V
+
+
2.60V/
2.35V
+
1.230V
0.7V
+
+
FB
--
--
--
--
--
--
3
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com