Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYNVC-176-009 Datasheet(PDF) 5 Page - Cyntec Co., Ltd.

Part # CYNVC-176-009
Description  Power Choke Coil VCHA085D MS6 type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CYNVC-176-009 Datasheet(HTML) 5 Page - Cyntec Co., Ltd.

  CYNVC-176-009 Datasheet HTML 1Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 2Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 3Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 4Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 5Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 6Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 7Page - Cyntec Co., Ltd. CYNVC-176-009 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Mar., 2020
DOCUMENT
: CYNVC-176-009
REVISION
: A5
PAGE
: 5 OF 8
Current Characteristic
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0
3
6
9
12
15
18
21
24
DC BIAS(Amps)
VCHA085D-1R0MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.40
0.80
1.20
1.60
2.00
2.40
0
2
4
6
8
10
12
14
16
18
20
22
24
DC BIAS(Amps)
VCHA085D-2R2MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.70
1.40
2.10
2.80
3.50
4.20
02468
10
12
14
16
18
20
22
DC BIAS(Amps)
VCHA085D-3R3MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
2
4
6
8
1012
1416
1820
DC BIAS(Amps)
VCHA085D-4R7MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
02468
10
12
14
DC BIAS(Amps)
VCHA085D-100MS6
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.0
3.0
6.0
9.0
12.0
15.0
18.0
01
23
456
78
9
10
11
DC BIAS(Amps)
VCHA085D-150MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.0
4.5
9.0
13.5
18.0
22.5
27.0
01
23456
789
DC BIAS(Amps)
VCHA085D-220MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.0
9.0
18.0
27.0
36.0
45.0
54.0
0123456
DC BIAS(Amps)
VCHA085D-470MS6
INDUCTANCE(μH)
TEMP. RISE(℃)
Issued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com