Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBLE041B Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # HBLE041B
Description  Power Choke Coil HBLE041B MSA type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HBLE041B Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  HBLE041B Datasheet HTML 1Page - Cyntec Co., Ltd. HBLE041B Datasheet HTML 2Page - Cyntec Co., Ltd. HBLE041B Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Sep., 2019
DOCUMENT
: HBLE041B-000
REVISION
: A2
PAGE
: 3 OF 3
Current Characteristic
0
20
40
60
80
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0123456789
10 11 12 13 14
DC BIAS(Amps)
HBLE041B-R47MSA
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
012345678
DC BIAS(Amps)
HBLE041B-1R0MSA
INDUCTANCE(μH)
TEMP. RISE(℃)
0
15
30
45
60
75
90
0.00
0.45
0.90
1.35
1.80
2.25
2.70
0.0
0.7
1.4
2.1
2.8
3.5
4.2
4.9
5.6
6.3
DC BIAS(Amps)
HBLE041B-2R2MSA
INDUCTANCE(μH)
TEMP. RISE (℃)
0
15
30
45
60
75
90
0.00
0.70
1.40
2.10
2.80
3.50
4.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DC BIAS(Amps)
HBLE041B-3R3MSA
INDUCTANCE(μH)
TEMP. RISE (℃)
0
15
30
45
60
75
90
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
DC BIAS(Amps)
HBLE041B-4R7MSA
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
DC BIAS(Amps)
HBLE041B-100MSA
INDUCTANCE(μH)
TEMP. RISE (℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com