Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL5HD44 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GL5HD44
Description  HIGH-LUMINOSITY LED LAMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5HD44 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GL5HD44 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LED
99
DICHROMATIC LED LAMP
■ DICHROMATIC LED LAMPS
❇ CU series: Common anode pin connection
*1 P (Red) and H (yellow): IF = 10 mA
*2 Taped model
HL: High-luminosity
Radiation
shape
(mm)
Resin type
❇
Yellow-
Orange
green
(HL)
Yellow-
Red
green
(HL)
Yellow-
green
Yellow-
green
Yellow-
green
Yellow + Red
ø3
●
GL3ED8
20/15
ø5
● GL5EJJ502C0X*2 110/170
GL5EP5
40/9 GL5ED5
40/25
GL5HP5
15/9
●
GL5CU44
100/240
GL5ED44
80/50
●
GL5ED60
11/8
●
GL6CU7
120/250
1.9
× 3.9
●
GL8ED5
10/6.5
GL8HP5
3/1.5
2.0
× 5.0
●
GL9ED2
8/3
GL9EH2
6/2
GL9HP2
1/0.8
5.0
× 5.0
●
GL9ED4
7/4
GL3ED8
GL5EJJ502C0X
GL5ED5 series
GL5ED44 series
GL5ED60 series
GL6CU7
GL8HP5 series
GL9ED2 series
GL9ED4
(The values in luminous intensity are radiation color order)
(I F = 20 mA*1, Ta = 25°C)
E JJ
C U
E P
E D
E H
H P
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
++ Red
+ Red
+ Yellow
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com