Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVTG1K331M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVTG1K331M
Description  Aluminum Electrolytic Capacitor/TG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1K331M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVTG1K331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 3Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 4Page - Panasonic Semiconductor EEVTG1K331M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminum Electrolytic Capacitor/TG
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE75 
V
.
TG
s Case size VS Capacitance, ESR and Ripple current
ESR;(
Ω/100kHz,+20°C),Ripple current ;(mA r.m.s./100kHz+125°C)
Capacitance
(µF)
W.V.
(V)
47
100
220
330
470
680
1000
1500
2200
3300
4700
E
(E)
F
(F)
G
(G)
H13
(H13)
J16
(J16)
K16
K16
1.0
(1.0)
0.5
(0.5)
0.3
(0.3)
0.12
(0.12)
0.08
(0.08)
0.075
0.075
100
(100)
197
(197)
270
(270)
800
(800)
1100
(1100)
1300
1300
10
16
25
ESR
ESR
ESR
20
°C
-40
°C20°C
-40
°C
20
°C
-40
°C
20
(20)
10
(10)
6.0
(6.0)
1.8
(1.8)
1.2
(1.2)
1.1
1.1
F
(F)
G
(G)
H13
H13
H13
(H13)
J16
(J16)
K16
K16
0.5
(0.5)
0.3
(0.3)
0.12
0.12
0.12
(0.12)
0.08
(0.08)
0.075
0.075
10
(10)
6.0
(6.0)
1.8
1.8
1.8
(1.8)
1.2
(1.2)
1.1
1.1
197
(197)
270
(270)
800
800
800
(800)
1100
(1100)
1300
1300
E
(E)
F
(F)
G
(G)
H13
H13
(H13)
J16
(J16)
K16
K16
1.0
(1.0)
0.5
(0.5)
0.3
(0.3)
0.12
0.12
(0.12)
0.08
(0.08)
0.075
0.075
20
(20)
10
(10)
6.0
(6.0)
1.8
1.8
(1.8)
1.2
(1.2)
1.1
1.1
100
(100)
197
(197)
270
(270)
800
800
(800)
1100
(1100)
1300
1300
10
22
33
47
100
220
330
470
F
(F)
G
(F)
G
(G)
H13
(H13)
J16
(J16)
K16
(J16)
K16
K16
1.3
(1.3)
1.0
(1.3)
1.0
(1.0)
0.42
(0.42)
0.3
(0.3)
0.28
(0.3)
0.28
0.28
70
(70)
90
(70)
90
(90)
250
(250)
350
(350)
400
(350)
400
400
80
100
ESR
ESR
20
°C
-40
°C20°C
-40
°C
32
(32)
25
(32)
25
(25)
8.4
(8.4)
6.0
(6.0)
5.6
(6.0)
5.6
5.6
F
(F)
G
G
H13
J16
K16
K16
1.3
(1.3)
1.0
1.0
0.42
0.3
0.28
0.28
32
(32)
25
25
8.4
6.0
5.6
5.6
70
(70)
90
90
250
350
400
400
10
22
33
47
100
220
330
470
680
1000
E
(E)
F
(F)
G
(G)
H13
(H13)
J16
(J16)
K16
K16
1.0
(1.0)
0.5
(0.5)
0.3
(0.3)
0.12
(0.12)
0.08
(0.08)
0.075
0.075
100
(100)
197
(197)
270
(270)
800
(800)
1100
(1100)
1300
1300
35
50
63
ESR
ESR
ESR
20
°C
-40
°C20°C
-40
°C
20
°C
-40
°C
20
(20)
10
(10)
6.0
(6.0)
1.8
(1.8)
1.2
(1.2)
1.1
1.1
E
E
(E)
F
(F)
G
(G)
H13
H13
J16
(J16)
K16
K16
1.6
1.6
(1.6)
0.75
(0.75)
0.5
(0.5)
0.23
0.23
0.15
(0.15)
0.14
0.14
32
32
(32)
15
(15)
10
(10)
3.4
3.4
2.2
(2.2)
2.1
2.1
80
80
(80)
133
(133)
221
(221)
600
600
900
(900)
950
950
2.2
1
(1)
0.8
(1)
0.8
(0.8)
0.26
0.26
0.18
0.18
E
F
(F)
G
(F)
G
(G)
H13
H13
J16
J16
55
25
(25)
20
(25)
20
(20)
5.2
5.2
3.6
3.6
55
100
(100)
150
(100)
150
(150)
350
350
500
500
size
Ripple
current
size
Ripple
current
size
Ripple
current
size
Ripple
current
size
Ripple
current
size
Ripple
current
size
Ripple
current
size
Ripple
current
Capacitance
(µF)
W.V.
(V)
Capacitance
(µF)
W.V.
(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com