Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1752399 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752399
Description  Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752399 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752399 Datasheet HTML 1Page - PHOENIX CONTACT 1752399 Datasheet HTML 2Page - PHOENIX CONTACT 1752399 Datasheet HTML 3Page - PHOENIX CONTACT 1752399 Datasheet HTML 4Page - PHOENIX CONTACT 1752399 Datasheet HTML 5Page - PHOENIX CONTACT 1752399 Datasheet HTML 6Page - PHOENIX CONTACT 1752399 Datasheet HTML 7Page - PHOENIX CONTACT 1752399 Datasheet HTML 8Page - PHOENIX CONTACT 1752399 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/us/produkte/1752399
30.04.2013   Page 1 / 12
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU - 1752399
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm,
Connection method: Screw connection, Color: green, Contact surface: Gold
Key commercial data
Packing unit
1 PCE
Minimum order quantity
1000 PCE
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
20.32 mm
Number of positions
5
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Range of articles
MSTB 2,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 1752399

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1752308 PHOENIX-1752308 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/11-5,0
1752311 PHOENIX-1752311 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/12-5,0
logo
TE Connectivity Ltd
1752353-2 TEC-1752353-2 Datasheet
4Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1752353-2 TEC-1752353-2 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 1752399

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749056 PHOENIX-1749056 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/12-ST-5,08 AU
1749234 PHOENIX-1749234 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/14-ST-5,08 AU
1749412 PHOENIX-1749412 Datasheet
47Kb / 3P
Printed-circuit board connector - MSTB 2,5/16-ST-5,08 AU
1749771 PHOENIX-1749771 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/20-ST-5,08 AU
1752373 PHOENIX-1752373 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-ST AU
1752577 PHOENIX-1752577 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 7-ST-5,08 AU
1752771 PHOENIX-1752771 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 9-ST-5,08 AU
1752959 PHOENIX-1752959 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 AU
1948747 PHOENIX-1948747 Datasheet
45Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08-RF
1958025 PHOENIX-1958025 Datasheet
94Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 ABGY
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com