Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVTG2A331M Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEVTG2A331M
Description  Aluminum Electrolytic Capacitor/TG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG2A331M Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEVTG2A331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG2A331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG2A331M Datasheet HTML 3Page - Panasonic Semiconductor EEVTG2A331M Datasheet HTML 4Page - Panasonic Semiconductor EEVTG2A331M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitor/TG
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE78 
(V)
(µF)
(mm)
(mm)
(m A )
(
Ω)
(pcs)
EEVTG2A100P
EEVTG2A220UP
EEVTG2A220P
EEVTG2A330P
EEVTG2A470Q
EEVTG2A101M
EEVTG2A221M
EEVTG2A331M
500
500
500
500
200
125
125
125
100
10
22
33
47
100
220
330
F
(F)
G
G
H13
J16
K16
K16
70
(70)
90
90
250
350
400
400
1.3
(1.3)
1.0
1.0
0.42
0.3
0.28
0.28
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
8
(8)
10
10
12.5
16
18
18
10.2
(10.2)
10.2
10.2
13.5
16.5
16.5
16.5
s
Standard Products
Ripple
current
(100kHz)
(+125
°C)
Cap
(±20%)
tan
δ
(120Hz)
(+20
°C)
ESR
(100kHz)
(+20
°C)
W.V.
Case Size
Dia.
Length
Size
code
Specification
Part No.
Min. Packaging
Q’ty
Taping
The taping dimension are explained on p.42 of our Catalog.
Please use it as a reference guide.
Endurance : 125
°C 1000 to 2000h



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com