Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754465 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754465
Description  MSTB 2,5/ 3-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754465 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754465 Datasheet HTML 1Page - PHOENIX CONTACT 1754465 Datasheet HTML 2Page - PHOENIX CONTACT 1754465 Datasheet HTML 3Page - PHOENIX CONTACT 1754465 Datasheet HTML 4Page - PHOENIX CONTACT 1754465 Datasheet HTML 5Page - PHOENIX CONTACT 1754465 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/ 3-ST
Order No.: 1754465
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754465
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918028633
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.005297 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
10 mm
Number of positions
3
Screw thread
M3


Similar Part No. - 1754465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754465 PHOENIX-1754465 Datasheet
145Kb / 5P
MSTB 2,5/ 3-G
1754465 PHOENIX-1754465 Datasheet
145Kb / 5P
MSTBV 2,5/ 3-G
More results

Similar Description - 1754465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1777293 PHOENIX-1777293 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 3-ST-5,08
1779424 PHOENIX-1779424 Datasheet
145Kb / 6P
FRONT-MSTB 2,5/ 3-ST
1765344 PHOENIX-1765344 Datasheet
107Kb / 5P
MSTB 2,5/ 3-ST BD: 1-3
1752195 PHOENIX-1752195 Datasheet
95Kb / 2P
MSTB 2,5/ 3-ST AU
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1756272 PHOENIX-1756272 Datasheet
109Kb / 5P
MSTB 2,5/ 3-ST BK
1756764 PHOENIX-1756764 Datasheet
96Kb / 2P
MSTB 2,5/ 3-ST (13)
1848889 PHOENIX-1848889 Datasheet
95Kb / 2P
MSTB 2,5/ 3-ST BU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com