Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754708 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1754708
Description  Printed-circuit board connector - MSTB 2,5/15-ST
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754708 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1754708 Datasheet HTML 1Page - PHOENIX CONTACT 1754708 Datasheet HTML 2Page - PHOENIX CONTACT 1754708 Datasheet HTML 3Page - PHOENIX CONTACT 1754708 Datasheet HTML 4Page - PHOENIX CONTACT 1754708 Datasheet HTML 5Page - PHOENIX CONTACT 1754708 Datasheet HTML 6Page - PHOENIX CONTACT 1754708 Datasheet HTML 7Page - PHOENIX CONTACT 1754708 Datasheet HTML 8Page - PHOENIX CONTACT 1754708 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
https://www.phoenixcontact.com/us/produkte/1754708
02.11.2012   Page 5 / 9
Printed-circuit board connector - MSTB 2,5/15-ST - 1754708
Approvals
GOST 
cULus Recognized 
Accessories
Accessories
Marking
Marker cards - SK 5,08/3,8:FORTL.ZAHLEN - 0804293
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - (99)100,
Mounting type: Adhesive, For terminal block width: 5.08 mm
 
 
Plug/Adapter
Coding profile - CP-MSTB - 1734634
Keying profile, is inserted into the slot on the plug or inverted header, red insulating material
 
 
Tools
Screwdriver - SZS 0,6X3,5 - 1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x
3.5 x 100 mm, 2-component grip, with non-slip grip
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com