Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3V5050VC6U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MP3V5050VC6U
Description  MP3V5050V, -50 to 0 kPa, Gauge Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MP3V5050VC6U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MP3V5050VC6U Datasheet HTML 3Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 4Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 5Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 6Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 7Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 8Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 9Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 10Page - NXP Semiconductors MP3V5050VC6U Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP3V5050V
Sensors
Freescale Semiconductor, Inc.
9
Figure 8. Pressure error band
Pressure
Error (Max)
–50 to 0 kPa
±1.25 kPa
–50
0
Pressure (in kPa)
–40
–30
–20
–10
1.25
–1.25
0
0.75
1.00
–0.75
–1.00
Error Limits for Pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com