Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0673003. Datasheet(PDF) 1 Page - Littelfuse

Part # 0673003.
Description  Axial Lead and Cartridge Fuses - Glass Body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0673003. Datasheet(HTML) 1 Page - Littelfuse

  0673003. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
433
www .littelfuse .com
Glass Body
3.6 x 10 mm Slo-Blo® Fuse 673 Series
• Designed to UL/CSA 248 Standard.
• Slo-Blo, glass body fuse in a compact package.
• This space saving fuse is ideally suited for lighting, power supply,
and adapter applications.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
60 seconds, Max.
AGENCY APPROVALS: Listed by Underwriters
Laboratories and Certified by CSA from 0.050 through
10 Amps.
INTERRUPTING RATING:
50A@250V AC
PACKAGING OPTIONS:
Please refer to the following suffixes when ordering:
Bulk (1000 pieces): Add MXE suffix to the catalog part number.
Tape and Reel (1500 pieces): Add DRT4 suffix to the catalog
part number.
TAPE AND REEL SPECIFICATIONS:
Per EIA-296 with 10mm pitch and 56.5mm inside
tape spacing.
ORDERING INFORMATION:
®
UL
®
Catalog
Ampere
Voltage
Nominal
Nominal
Number
Rating
Rating
Resistance Melting i2t
Cold mOhms
A2Sec.
0673.100
.100
250
7.5300
0.00250
0673.125
.125
250
2.9850
0.00370
0673.200
.200
250
2.5280
0.0161
0673.250
.250
250
1.7700
0.0252
0673.300
.300
250
1.1880
0.0332
0673.400
.400
250
0.3140
0.0735
0673.500
.500
250
0.2250
0.137
0673.600
.600
250
0.1550
0.482
0673.800
.800
250
0.1120
0.949
0673 001
1.00
250
0.0940
1.22
0673 01.5
1.50
250
0.0515
3.52
0673 01.6
1.60
250
0.0494
3.75
0673 002.
2.00
250
0.0410
6.56
0673 02.5
2.50
250
0.0344
9.19
0673 003.
3.00
250
0.0247
18.4
0673 004.
4.00
250
0.0191
28.6
0673 005.
5.00
250
0.0114
58.6
0673 006.
6.00
250
0.0095
77.2
0673 007.
7.00
250
0.0084
94.7
0673 008.
8.00
250
0.0077
114.0
0673 010.
10.0
250
0.0070
224.0
673 000 Series
3.9 (.153")
30.0
(1.181") TYP.
Axial Lead Material: Solder coated copper.
0.6 (.024") ( 0.1 -5A)
0.8 (.031") (6 -7A)
1.0 (.039") (8 -10A)
11.0
(.433")
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
1000
1000
11
Average Time Current Curves


Similar Part No. - 0673003.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0673298000 MOLEX7-0673298000 Datasheet
130Kb / 3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), Kinked Pins, PCB Thickness 1.20mm (.045")and 1.60mm (.062"), Gold (Au) Flash, Lead Free
0673298000 MOLEX1-0673298000 Datasheet
32Kb / 2P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright Right-Angle, Solder Tail Length 2.00mm, Kinked Pins, PCB Thickness 1.20mm and 1.60mm
0673298000 MOLEX1-0673298000_18 Datasheet
32Kb / 2P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright Right-Angle, Solder Tail Length 2.00mm, Kinked Pins, PCB Thickness 1.20mm and 1.60mm
0673298001 MOLEX7-0673298001 Datasheet
130Kb / 3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), Kinked Pins, PCB Thickness 1.20mm (.047")and 1.60mm (.063"), 0.76關m (30關") Gold (Au) Plating, Lead Free
0673298001 MOLEX1-0673298001 Datasheet
32Kb / 2P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright Right-Angle, Solder Tail Length 2.00mm, Kinked Pins, PCB Thickness 1.20mm and 1.60mm
More results

Similar Description - 0673003.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
224 LITTELFUSE-224 Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
229P LITTELFUSE-229P Datasheet
118Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
672 LITTELFUSE-672 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
676 LITTELFUSE-676 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com