Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1757730 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757730
Description  Printed-circuit board connector - MC 1,5/ 2-G-3,81 BU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757730 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757730 Datasheet HTML 1Page - PHOENIX CONTACT 1757730 Datasheet HTML 2Page - PHOENIX CONTACT 1757730 Datasheet HTML 3Page - PHOENIX CONTACT 1757730 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1757730
10/24/2014   Page 1 / 4
Printed-circuit board connector - MC 1,5/ 2-G-3,81 BU - 1757730
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Number of positions: 2, Pitch: 3.81 mm, Color: blue, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
0.78 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
3.81 mm
General
Range of articles
MC 1,5/..-G
Rated voltage (III/3)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Color
blue
Number of positions
2
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402


Similar Part No. - 1757730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17577 ETC2-17577 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175770 FESTO-175770 Datasheet
99Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1757743 PHOENIX-1757743 Datasheet
489Kb / 13P
MKDS 1,5/21 - PCB terminal block
More results

Similar Description - 1757730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722095 PHOENIX-1722095 Datasheet
73Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P14 THRR32
1782462 PHOENIX-1782462 Datasheet
70Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P26 THRR32
1841297 PHOENIX-1841297 Datasheet
167Kb / 9P
Printed-circuit board connector - MC 1,5/18-G-3,81
1851902 PHOENIX-1851902 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 AU
1896873 PHOENIX-1896873 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 4-G-3,81 BU
1882793 PHOENIX-1882793 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-ST-3,81 BU
1923186 PHOENIX-1923186 Datasheet
58Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,81 BU
1721986 PHOENIX-1721986 Datasheet
133Kb / 9P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P26 THR
09/11/2020
1782352 PHOENIX-1782352 Datasheet
126Kb / 8P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P14 THR
09/12/2020
1782572 PHOENIX-1782572 Datasheet
153Kb / 9P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P20THRR32
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com