Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCRR0508WD Datasheet(PDF) 5 Page - Cyntec Co., Ltd.

Part # SCRR0508WD
Description  SCRR0508WD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR0508WD Datasheet(HTML) 5 Page - Cyntec Co., Ltd.

  SCRR0508WD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 5Page - Cyntec Co., Ltd. SCRR0508WD Datasheet HTML 6Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DOCUMENT : CYNP-78-A06
REVISION
: A3
5
Current Sensing Resistor
Reel dimensions
Numbers of Taping : 5,000 pieces /reel
The following items shall be marked on the reel.
(1) Type designation.
(2) Quantity
(3) Manufacturing date code
(4) Manufacturer’s name
Peel force of top cover tape
The peel speed shall be about 300 mm/min. The peel force of top cover tape shall be between
0.1 to 0.7 N.
165 ~ 180°
Top Cover Tape
0.1~0.7 N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com