Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

997 Datasheet(PDF) 1 Page - Littelfuse

Part # 997
Description  Blade Terminal & Special Purpose Fuses - Low Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

997 Datasheet(HTML) 1 Page - Littelfuse

  997 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Terminal & Special Purpose Fuses
452
www .littelfuse .com
Low Voltage
MINI® 42V Fuse Fast-Acting Type
As power demand in vehicles continues to grow, the need for electrical
and fuel economy is driving the necessity for a more efficient automotive
electrical system.
Littelfuse is working closely with major automakers and wire harness
suppliers to develop and establish new standars of circuit protection for
42 volt automotive electrical systems.
Advantages include:
•
42 Volt nominal rating / 58 Volt interrupting rating
•
Drop-in replacement for MINI® fuse
•
Same blade size and spacing as MINI® fuse
•
Same Time-Current characteristics as MINI® fuse
•
Rejection feature prevents interchangeability with
non-compliant 14 Volt fuses
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Interrupting Rating: 1000A @ 58 VDC
Voltage Rating: 58 VDC
Ambient Temp: -40oC to +125oC
ELECTRICAL CHARACTERISTICS:
% of
Opening
(Rating)
Time
110%
100 hrs., Minimum
135%
0.75 sec., Min.; 600 sec., Max.
200%
0.15 sec., Min.; 5.0 sec., Max.
350%
0.08 sec., Min.; 0.25 sec., Max.
600%
0.030 sec., Min.; 0.10 sec., Max.
MINI
2.21
(.09")
5.91
(.23")
3.81
(.15")
10.92
(.43")
8.75
(.34")
7.5
(.30")
2.81
(.11")
10.9
(.43")
0.825
(.033")
ORDERING INFORMATION:
Ampere Voltage
Typical Voltage
Catalog
Rating
Rating
Body
Typical Cold
Drop at Rated
Number
(A)
(VDC)
Color Resistance (Ω)
Current (mV)
997 002
2
58
Grey
.056
171
997 003
3
58
Violet
.034
153
997 004
4
58
Pink
.024
121
997 005
5
58
Tan
.018
129
997 07.5
7.5
58
Brown
.011
135
997 010
10
58
Red
.0073
108
997 015
15
58
Blue
.0045
98
997 020
20
58
Yellow
.0032
96
997 025
25
58
Natural
.0023
86
997 030
30
58
Green
.0018
87
Average Time Current Curves
RoHS


Similar Part No. - 997

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
997 WILCOXON-997 Datasheet
217Kb / 1P
High-frequency, integral cable accelerometers
Rev.C.2 09/18
logo
AG Electronica
997 AGELECTRONICA-997 Datasheet
335Kb / 1P
ELECTROVALVULA SOLENOIDE DIRECCIONAL 12VDC NORMALMENTE CERRADA 0.02MPa-0.8MPa
26/12/2023
logo
Adafruit Industries
997 ADAFRUIT-997 Datasheet
136Kb / 2P
Plastic Water Solenoid Valve - 12V - 1/2" Nominal
logo
Amphenol Wilcoxon Sensi...
997-8-32 WILCOXON-997-8-32 Datasheet
217Kb / 1P
High-frequency, integral cable accelerometers
Rev.C.2 09/18
997-M4 WILCOXON-997-M4 Datasheet
217Kb / 1P
High-frequency, integral cable accelerometers
Rev.C.2 09/18
More results

Similar Description - 997

ManufacturerPart #DatasheetDescription
logo
Littelfuse
257 LITTELFUSE-257 Datasheet
55Kb / 1P
Blade Terminal & Special Purpose Fuses -Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
299 LITTELFUSE-299 Datasheet
51Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
481 LITTELFUSE-481 Datasheet
38Kb / 1P
Blade Terminal & Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
498 LITTELFUSE-498 Datasheet
66Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
Blade Terminal & Special Purpose Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com