Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1786921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1786921
Description  Printed-circuit board connector - DMC 1,5/11-G1-3,5 P20THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1786921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1786921 Datasheet HTML 1Page - PHOENIX CONTACT 1786921 Datasheet HTML 2Page - PHOENIX CONTACT 1786921 Datasheet HTML 3Page - PHOENIX CONTACT 1786921 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1786921
01.05.2013   Page 1 / 4
Printed-circuit board connector - DMC 1,5/11-G1-3,5 P20THR - 1786921
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 11, Pitch: 3.5 mm, Color: Black,
Contact surface: Tin, Assembly: SMD/THT/THR
Product Features
 Taped headers available on request
 Headers with flange can be combined with plugs with screw flange or with Lock & Release levers
 At 8 mm, the distance from the edge of the PCB to the first row of holes is compatible with MC headers
 Extremely small THR double-level headers for SMT and wave soldering processes
 
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
11.6 mm
Height
12.8 mm
Pitch
3.5 mm
Dimension a
35 mm
Number of positions
11
Pin dimensions
0,8 x 0,8 mm
Pin spacing
2.50 mm
Hole diameter
1.4 mm
Technical data


Similar Part No. - 1786921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786925 PHOENIX-1786925 Datasheet
942Kb / 18P
MSTB 2,5/11-STF - PCB connector
More results

Similar Description - 1786921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786934 PHOENIX-1786934 Datasheet
163Kb / 7P
Printed-circuit board connector - DMC 1,5/12-G1-3,5 P20THR
1786963 PHOENIX-1786963 Datasheet
76Kb / 4P
Printed-circuit board connector - DMC 1,5/15-G1-3,5 P20THR
1786989 PHOENIX-1786989 Datasheet
75Kb / 4P
Printed-circuit board connector - DMC 1,5/17-G1-3,5 P20THR
1786840 PHOENIX-1786840 Datasheet
163Kb / 7P
Printed-circuit board connector - DMC 1,5/ 3-G1-3,5 P20THR
1786879 PHOENIX-1786879 Datasheet
157Kb / 7P
Printed-circuit board connector - DMC 1,5/ 6-G1-3,5 P20THR
1786882 PHOENIX-1786882 Datasheet
76Kb / 4P
Printed-circuit board connector - DMC 1,5/ 7-G1-3,5 P20THR
1786895 PHOENIX-1786895 Datasheet
76Kb / 4P
Printed-circuit board connector - DMC 1,5/ 8-G1-3,5 P20THR
1786918 PHOENIX-1786918 Datasheet
163Kb / 7P
Printed-circuit board connector - DMC 1,5/10-G1-3,5 P20THR
1786853 PHOENIX-1786853 Datasheet
148Kb / 7P
Printed-circuit board connector - DMC 1,5/ 4-G1-3,5 P20THR
1787001 PHOENIX-1787001 Datasheet
75Kb / 4P
Printed-circuit board connector - DMC 1,5/19-G1-3,5 P20THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com