Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC02BE/SN Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LC02BE/SN
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC02BE/SN Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LC02BE/SN Datasheet HTML 16Page - Microchip Technology 24LC02BE/SN Datasheet HTML 17Page - Microchip Technology 24LC02BE/SN Datasheet HTML 18Page - Microchip Technology 24LC02BE/SN Datasheet HTML 19Page - Microchip Technology 24LC02BE/SN Datasheet HTML 20Page - Microchip Technology 24LC02BE/SN Datasheet HTML 21Page - Microchip Technology 24LC02BE/SN Datasheet HTML 22Page - Microchip Technology 24LC02BE/SN Datasheet HTML 23Page - Microchip Technology 24LC02BE/SN Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2003 Microchip Technology Inc.
DS21709C-page 21
24AA02/24LC02B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA02:
=
1.8V, 2 Kbit I2C Serial EEPROM
24AA02T:
=
1.8V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC02B:
=
2.5V, 2 Kbit I2C Serial EEPROM
24LC02BT: =
2.5V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
Lead Finish
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
OT
=
SOT-23, 5-lead (Tape and Reel only)
Blank =
Standard 63/37 Sn/Pb
G
=
Matte Tin (Pure Sn)
Examples:
a)
24AA02-I/P: Industrial Temperature,
1.8V, PDIP package
b)
24AA02-I/SN:
Industrial
Temperature,
1.8V, SOIC package
c)
24AA02T-I/OT: Industrial Temperature,
1.8V, SOT-23 package, tape and reel
d)
24LC02B-I/P:
Industrial
Temperature,
2.5V, PDIP package
e)
24LC02B-E/SN: Extended Temperature,
2.5V, SOIC package
f)
24LC02BT-I/OT: Industrial Temperature,
2.5V, SOT-23 package, tape and reel
g)
24LC02B-I/PG:
Industrial
Temperature,
2.5V, SOT-23 package, Pb-free
h)
24LC02BT-I/OTG: Industrial Temperature,
2.5V, SOT-23 package, tape and reel,
Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com