Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8245 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # PC8245
Description  Integrated Processor Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button PC8245 Datasheet HTML 15Page - ATMEL Corporation PC8245 Datasheet HTML 16Page - ATMEL Corporation PC8245 Datasheet HTML 17Page - ATMEL Corporation PC8245 Datasheet HTML 18Page - ATMEL Corporation PC8245 Datasheet HTML 19Page - ATMEL Corporation PC8245 Datasheet HTML 20Page - ATMEL Corporation PC8245 Datasheet HTML 21Page - ATMEL Corporation PC8245 Datasheet HTML 22Page - ATMEL Corporation PC8245 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
19
PC8245
2171D–HIREL–06/04
Figure 7. Thermal Performance of Select Thermal Interface Material
Contact Pressure (PSI)
Silicone Sheet (0.006 inch)
Bare Joint
Floroether Oil Sheet (0.007 inch)
Graphite/Oil Sheet (0.005 inch)
Synthetic Grease
0
0
1020304050607080
0.5
1
1.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com