Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1753534 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753534
Description  MVSTBW 2,5/ 7-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753534 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753534 Datasheet HTML 1Page - PHOENIX CONTACT 1753534 Datasheet HTML 2Page - PHOENIX CONTACT 1753534 Datasheet HTML 3Page - PHOENIX CONTACT 1753534 Datasheet HTML 4Page - PHOENIX CONTACT 1753534 Datasheet HTML 5Page - PHOENIX CONTACT 1753534 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 10, 2010
Extract from the online
catalog
 
MVSTBW 2,5/ 7-ST
Order No.: 1792579
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792579
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 7, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918045005
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01507 KG
Catalog page information
Page 203 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
30 mm
Number of positions
7
Screw thread
M3


Similar Part No. - 1753534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753534 PHOENIX-1753534 Datasheet
142Kb / 6P
MSTB 2,5/ 7-ST
1753534 PHOENIX-1753534 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/ 7-G
1753534 PHOENIX-1753534 Datasheet
170Kb / 6P
MVSTBR 2,5/ 7-ST
More results

Similar Description - 1753534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792524 PHOENIX-1792524 Datasheet
151Kb / 6P
MVSTBW 2,5/ 2-ST
1792537 PHOENIX-1792537 Datasheet
152Kb / 6P
MVSTBW 2,5/ 3-ST
1792540 PHOENIX-1792540 Datasheet
151Kb / 6P
MVSTBW 2,5/ 4-ST
1792553 PHOENIX-1792553 Datasheet
150Kb / 6P
MVSTBW 2,5/ 5-ST
1792566 PHOENIX-1792566 Datasheet
151Kb / 6P
MVSTBW 2,5/ 6-ST
1792582 PHOENIX-1792582 Datasheet
151Kb / 6P
MVSTBW 2,5/ 8-ST
1792650 PHOENIX-1792650 Datasheet
150Kb / 6P
MVSTBW 2,5/15-ST
1792809 PHOENIX-1792809 Datasheet
156Kb / 7P
MVSTBW 2,5/ 7-ST-5,08
1801002 PHOENIX-1801002 Datasheet
68Kb / 2P
MVSTBW 2,5/ 7-ST BK
1912786 PHOENIX-1912786 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 7-ST - PCB connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com