Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA02E/OTG Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA02E/OTG
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02E/OTG Datasheet(HTML) 1 Page - Microchip Technology

  24AA02E/OTG Datasheet HTML 1Page - Microchip Technology 24AA02E/OTG Datasheet HTML 2Page - Microchip Technology 24AA02E/OTG Datasheet HTML 3Page - Microchip Technology 24AA02E/OTG Datasheet HTML 4Page - Microchip Technology 24AA02E/OTG Datasheet HTML 5Page - Microchip Technology 24AA02E/OTG Datasheet HTML 6Page - Microchip Technology 24AA02E/OTG Datasheet HTML 7Page - Microchip Technology 24AA02E/OTG Datasheet HTML 8Page - Microchip Technology 24AA02E/OTG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21709C-page 1
24AA02/24LC02B
Device Selection Table
Features
• Single supply with operation down to 1.8V
• Low-power CMOS technology
- 1 mA active current typical
-1
µA standby current typical (I-temp)
• Organized as 1 block of 256 bytes (1 x 256 x 8)
• 2-wire serial interface bus, I2C™ compatible
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (24AA02) and 400 kHz (24LC02B)
compatibility
• Self-timed write cycle (including auto-erase)
• Page write buffer for up to 8 bytes
• 2 ms typical write cycle time for page write
• Hardware write-protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 erase/write cycles
• Data retention > 200 years
• 8-lead PDIP, SOIC, TSSOP and MSOP packages
• 5-lead SOT-23 package
• Pb-free finish available
• Available for extended temperature ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description
The Microchip Technology Inc. 24AA02/24LC02B
(24XX02*) is a 2 Kbit Electrically Erasable PROM. The
device is organized as one block of 256 x 8-bit memory
with a 2-wire serial interface. Low-voltage design
permits operation down to 1.8V, with standby and
active currents of only 1
µA and 1 mA, respectively.
The 24XX02 also has a page write capability for up to
8 bytes of data. The 24XX02 is available in the
standard 8-pin PDIP, surface mount SOIC, TSSOP and
MSOP packages and is also available in the 5-lead
SOT-23 package.
Package Types
Block Diagram
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA02
1.8-5.5
400 kHz(1)
I
24LC02B
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V
A0
A1
A2
Vss
1
2
3
4
8
7
6
5
Vcc
WP
SCL
SDA
PDIP/SOIC/TSSOP/MSOP
SOT-23-5
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note:
Pins A0, A1 and A2 are not used by the
24XX02. (No internal connections).
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
2K I2C™ Serial EEPROM


Similar Part No. - 24AA02E/OTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
24AA02E48 MICROCHIP-24AA02E48 Datasheet
513Kb / 28P
2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA02E48 MICROCHIP-24AA02E48 Datasheet
632Kb / 30P
2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48 Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - 24AA02E/OTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA024 MICROCHIP-24AA024 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24AA024 MICROCHIP-24AA024_07 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
24LC02BP MICROCHIP-24LC02BP Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I-SN MICROCHIP-24LC02B-I-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com