Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX10D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPX10D
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX10D Datasheet(HTML) 2 Page - NXP Semiconductors

  MPX10D Datasheet HTML 1Page - NXP Semiconductors MPX10D Datasheet HTML 2Page - NXP Semiconductors MPX10D Datasheet HTML 3Page - NXP Semiconductors MPX10D Datasheet HTML 4Page - NXP Semiconductors MPX10D Datasheet HTML 5Page - NXP Semiconductors MPX10D Datasheet HTML 6Page - NXP Semiconductors MPX10D Datasheet HTML 7Page - NXP Semiconductors MPX10D Datasheet HTML 8Page - NXP Semiconductors MPX10D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MPX10
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Units
Differential Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0
—
10
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—
3.0
6.0
VDC
Supply Current
IO
—
6.0
—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
20
35
50
mV
Offset(4)
4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure.
VOFF
0
20
35
mV
Sensitivity
ΔV/ΔΡ
—
3.5
—
mV/kPa
Linearity
—
–1.0
—
1.0
%VFSS
Pressure Hysteresis (0 to 10 kPa)
—
—
±0.1
—
%VFSS
Temperature Hysteresis
—
—
±0.5
—
%VFSS
Temperature Coefficient of Full Scale Span
TCVFSS
–0.22
—
–0.16
%VFSS/°C
Temperature Coefficient of Offset
TCVOFF
—
±15
—
µV/°C
Temperature Coefficient of Resistance
TCR
0.21
—
0.27
%ZIN/°C
Input Impedance
ZIN
400
—
550
Ω
Output Impedance
ZOUT
750
—
1250
Ω
Response Time(5) (10% to 90%)
5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—
1.0
—
ms
Warm-Up Time(6)
6. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure is stabilized.
—
—
20
—
ms
Offset Stability(7)
7. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
—
—
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com