Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX10GP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPX10GP
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX10GP Datasheet(HTML) 3 Page - NXP Semiconductors

  MPX10GP Datasheet HTML 1Page - NXP Semiconductors MPX10GP Datasheet HTML 2Page - NXP Semiconductors MPX10GP Datasheet HTML 3Page - NXP Semiconductors MPX10GP Datasheet HTML 4Page - NXP Semiconductors MPX10GP Datasheet HTML 5Page - NXP Semiconductors MPX10GP Datasheet HTML 6Page - NXP Semiconductors MPX10GP Datasheet HTML 7Page - NXP Semiconductors MPX10GP Datasheet HTML 8Page - NXP Semiconductors MPX10GP Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MPX10
Sensors
Freescale Semiconductor
3
Pressure
Maximum Ratings
Figure 1 shows a schematic of the internal circuitry on the stand-alone pressure sensor chip.
Figure 1. Uncompensated Pressure Sensor Schematic
Voltage Output versus Applied Differential Pressure
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
side (P1) relative to the vacuum side (P2). Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum side (P2) relative to the pressure side (P1).
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
PMAX
75
kPa
Burst Pressure (P1 > P2)
PBURST
100
kPa
Storage Temperature
TSTG
–40 to +125
°C
Operating Temperature
TA
–40 to +125
°C
1
2
3
4
GND
+VOUT
–VOUT
+VS
Sensing
Element



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com