Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTEB16080F Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # HTEB16080F
Description  Power Choke Coil HTEB16080F MSR type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HTEB16080F Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  HTEB16080F Datasheet HTML 1Page - Cyntec Co., Ltd. HTEB16080F Datasheet HTML 2Page - Cyntec Co., Ltd. HTEB16080F Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Nov., 2017
DOCUMENT
: HTEB16080F-000
REVISION
: A0
PAGE
: 2 OF 3
Marking
The point on the top surface represents winding direction of choke.
Coil clockwise around
Upside of Chip
PIN 2
PIN 1
Specifications
Part Number
L0
Inductance
( µH )
@ (0A)
Rdc ( mΩ)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
HTEB16080F-1R0MSR
1.0
283
318
1.0
0.9
1.50
1.35
HTEB16080F-1R5MSR
1.5
420
480
0.8
0.7
1.00
0.90
*
:If you require another part number please contact with us.
**
:Inductance Tolerance ± 20%
Note 1.
: All test data is referenced to 25 ambient.
℃
Note 2.
: Test Condition:1MHz, 1.0Vrms
Note 3.
:
△
℃
Idc : DC current (A) that will cause an approximate
T of 40
Note 4.
: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.
: Operating Temperature Range -55 to +
℃
125
℃
Note 6.
: The part temperature (ambient + temp rise) should not exceed 125
under
℃
the worst case operating
conditions. Circuit design , component placement, PCB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 7.
: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com