Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFR02S Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # PFR02S
Description  1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PFR02S Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  PFR02S Datasheet HTML 1Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 2Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 3Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 4Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 5Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 6Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 7Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DOCUMENT
: RQ-1NH
REVISION
: A0
3
Chip Resistor
Characteristics :
Electrical
Item
Specification and Requirement
Test Method
(Refer to JIS C 5201)
Resistor
Jumper
Short Time Overload
△R: ±(2%+ 0.1)
Without damage by
flashover, spark, arcing,
burning or breakdown
Max. 50m
(1)
Applied voltage:
2.5 x rated voltage or
2 x maximum operating voltage
whichever is less
(2)
Test time : 5 seconds
Insulation Resistance
Over 100 M on Overcoat layer face up
Over 1,000 M on Substrate side face up
(1)
Setup as figure 1
(2)
Test voltage: 100VDC
(3)
Test time:
60 + 10 / -0 seconds
Voltage Proof
△R: ±(2%+ 0.1)
Without damage by
flashover, spark, arcing,
burning or breakdown
Max. 50m
(1)
Setup as figure 1
(2)
Test voltage: 50VAC(rms.)
(3)
Test time:
60 +10 / -0 seconds
Insulation Plate
Spring
Sample Electrode
Metal Block
Measurement Point B
Pressure Rod
(Metal)
Measurement Point A
Substrate
Over coat Film
Figure 1 : Measurement Setup
(R=0.5 mm)
A
B
Voltage Supply
Substrate Side



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com